| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1T45DBVR bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1T45DBVR bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 24 page ![]() www.ti.com 0 5 10 15 20 25 30 35 CL − pF 0 1 2 3 4 5 6 7 8 9 10 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V 0 5 10 15 20 25 30 35 CL − pF 0 1 2 3 4 5 6 7 8 9 10 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V 0 5 10 15 20 25 30 35 CL − pF 0 1 2 3 4 5 6 7 8 9 10 VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V VCCB = 1.8 V 0 5 10 15 20 25 30 35 CL − pF 0 1 2 3 4 5 6 7 8 9 10 VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V VCCB = 1.8 V SN74LVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES515H – DECEMBER 2003 – REVISED JANUARY 2007 TYPICAL CHARACTERISTICS (continued) TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE TA = 25°C, VCCA = 5 V TYPICAL PROPAGATION DELAY (B to A) vs LOAD CAPACITANCE TA = 25°C, VCCA = 5 V 12 Submit Documentation Feedback |