công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM335 bảng dữ liệu(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM335
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 bảng dữ liệu(HTML) 75 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 71Page - Texas Instruments TMS320DM335 Datasheet HTML 72Page - Texas Instruments TMS320DM335 Datasheet HTML 73Page - Texas Instruments TMS320DM335 Datasheet HTML 74Page - Texas Instruments TMS320DM335 Datasheet HTML 75Page - Texas Instruments TMS320DM335 Datasheet HTML 76Page - Texas Instruments TMS320DM335 Datasheet HTML 77Page - Texas Instruments TMS320DM335 Datasheet HTML 78Page - Texas Instruments TMS320DM335 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 158 page
background image
3.6 PLL Controller (PLLC)
3.6.1
PLL Controller Module
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528A – JULY 2008 – REVISED AUGUST 2008
This section describes the PLL Controllers for PLL1 and PLL2. See the TMS320DM335 Digital Media
System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7) for more
information on the PLL controllers.
The DM335 has two PLL controllers that provide clocks to different components of the chip. PLL controller
1 (PLLC1) provides clocks to most of the components of the chip. PLL controller 2 (PLLC2) provides
clocks to the DDR PHY.
As a module, the PLL controller provides the following:
• Glitch-free transitions (on changing PLL settings)
• Domain clocks alignment
• Clock gating
• PLL bypass
• PLL power down
The various clock outputs given by the PLL controller are as follows:
• Domain clocks: SYSCLKn
• Bypass domain clock: SYSCLKBP
• Auxiliary clock from reference clock: AUXCLK
Various dividers that can be used are as follows:
• Pre-PLL divider: PREDIV
• Post-PLL divider: POSTDIV
• SYSCLK divider: PLLDIV1, …, PLLDIVn
• SYSCLKBP divider: BPDIV
Multipliers supported are as follows:
• PLL multiplier control: PLLM
Submit Documentation Feedback
Detailed Device Description
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More