công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5947DAP bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLC5947DAP
Giải thích chi tiết về linh kiện  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAP bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TLC5947DAP Datasheet HTML 9Page - Texas Instruments TLC5947DAP Datasheet HTML 10Page - Texas Instruments TLC5947DAP Datasheet HTML 11Page - Texas Instruments TLC5947DAP Datasheet HTML 12Page - Texas Instruments TLC5947DAP Datasheet HTML 13Page - Texas Instruments TLC5947DAP Datasheet HTML 14Page - Texas Instruments TLC5947DAP Datasheet HTML 15Page - Texas Instruments TLC5947DAP Datasheet HTML 16Page - Texas Instruments TLC5947DAP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DETAILED DESCRIPTION
SETTING FOR THE CONSTANT SINK CURRENT VALUE
R
( )=41
W
IREF
´
V
(V)
IREF
I
(mA)
OLC
(1)
GRAYSCALE (GS) CONTROL FUNCTION
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
The constant current value for all channels is set by an external resistor (RIREF) placed between IREF and GND.
The resistor (RIREF) value is calculated by Equation 1.
Where:
VIREF = the internal reference voltage on the IREF pin (typically 1.20 V).
IOLC must be set in the range of 2 mA to 30 mA. The constant sink current characteristic for the external resistor
value is shown in Figure 10. Table 1 describes the constant current output versus external resistor value.
Table 1. Constant-Current Output versus External Resistor Value
IOLC (mA, Typical)
RIREF (Ω)
30
1640
25
1968
20
2460
15
3280
10
4920
5
9840
2
24600
Each constant current sink output OUT0–OUT23 (OUTn) turns on (starts to sink constant current) at the fifth
rising edge of the grayscale internal oscillator clock after the BLANK signal transitions from high to low if the
grayscale data latched into the grayscale data latch are not zero. After turn-on, the number of rising edges of the
internal oscillator is counted by the 12-bit grayscale counter. Each OUTn output is turned off once its
corresponding grayscale data values equal the grayscale counter or the counter reaches 4096d (FFFh). The
PWM control operation is repeated as long as BLANK is low. OUTn is not turned on when BLANK is high. The
timing is shown in Figure 18. All outputs are turned off at the XLAT rising edge. After that, each output is
controlled again from the first clock of the internal oscillator for the next display period, based on the latest
grayscale data.
When the IC is powered on, the data in the grayscale data shift register and latch are not set to default values.
Therefore, grayscale data must be written to the GS latch before turning on the constant current output. BLANK
should be at a high level when powered on to keep the outputs off until valid grayscale data are written to the
latch. This avoids the LED being randomly illuminated immediately after power-up. If having the outputs turn on
at power-up is not a problem for the application, then BLANK does not need to be held high. The grayscale
functions can be controlled directly by grayscale data writing, even though BLANK is connected to GND.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com