| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3218IPZPR bảng dữ liệu(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3218IPZPR bảng dữ liệu(HTML) 61 Page - Texas Instruments |
|
61 / 79 page ![]() TAS3218 www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008 Table 19. I2C Register Map (continued) SUB REGISTER BYTES CONTENTS DEFAULT VALUE ADDRESS 0x16 SPDIF Control 4 See SPDIF Control 0x00, 0x00, 0x00, 0x00 0x17 Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x18 Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x19 Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x1a Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x1b Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x00, 0x00, 0x00, 0x01 0x1c Reserved 8 u(31:24), u(23:16), u(15:8), u(7:0) 0x47, 0xae, 0x00, 0x00 0x1d DC Dither 4 See DC Dither 0x00, 0x00, 0x00, 0x01 0x1e DSP Program Start Address 4 See DSP Program Start Address 0x00, 0x00, 0x00, 0x00 0x1f Reserved 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x20 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x21 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x22 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x23 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x24 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x25 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x26 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x27 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x28 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x29 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2a Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2b Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2c Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2d Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2e Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x2f Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x30 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x31 Unused 4 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x32 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x33 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x34 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x35 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x36 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x37 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x38 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x39 Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x3a Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x3b Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x3c Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0x3d Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0xfe Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 0xff Unused 16 u(31:24), u(23:16), u(15:8), u(7:0) 0x00, 0x00, 0x00, 0x00 Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 61 Product Folder Link(s): TAS3218 |