| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38K02F2FP bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K02F2FP bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 328 page ![]() BEFORE USING THIS MANUAL This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions, such as hardware design or software development. Chapter 3 also includes necessary information for systems development. You must refer to that chapter. 1. Organization q CHAPTER 1 HARDWARE This chapter describes features of the microcomputer and operation of each peripheral function. q CHAPTER 2 APPLICATION This chapter describes usage and application examples of peripheral functions, based mainly on setting examples of relevant registers. q CHAPTER 3 APPENDIX This chapter includes necessary information for systems development using the microcomputer, such as the electrical characteristics, the list of registers. 2. Structure of register The figure of each register structure describes its functions, contents at reset, and attributes as follows : Note 2: Bit attributes......... The attributes of control register bits are classified into 3 bytes : read-only, write- only and read and write. In the figure, these attributes are represented as follows : : Bit in which nothing is arranged 0 1 : Name Function At reset RW B 0 1 2 3 4 0 0 0 0 0 ✕ ✕ 5 6 7 1 b0 b1 b2 b3 b4 b5 b6 b7 Contents immediately after reset release Bit attributes (Note 1) Processor mode bits Stack page selection bit Nothing arranged for these bits. These are write disabled bits. When these bits are read out, the contents are “0.” Fix this bit to “0.” Main clock (XIN-XOUT) stop bit Internal system clock selection bit 0 0 : Single-chip mode 1 0 : 1 1 : Not available b1 b0 0 : 0 page 1 : 1 page 0 : Operating 1 : Stopped 0 : XIN-XOUT selected 1 : XCIN-XCOUT selected : Bit that is not used for control of the corresponding function 0 Note 1:. Contents immediately after reset release 0....... “0” at reset release 1....... “1” at reset release ?....... Undefined at reset release ✽.......Contents determined by option at reset release R....... Read ...... Read enabled ✕.......Read disabled W......Write ..... Write enabled ✕...... Write disabled ✽.......“0” write (Note 2) CPU mode register (CPUM) [Address : 3B 16] Bits ✽ ✽ 3. Supplementation For details of software, refer to the “740 FAMILY SOFTWARE MANUAL.” For details of development support tools, refer to the “Renesas Technology” Homepage (http://www.renesas.com). |