công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K09RFS bảng dữ liệu(PDF) 236 Page - Renesas Technology Corp

tên linh kiện M38K09RFS
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS bảng dữ liệu(HTML) 236 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 232Page - Renesas Technology Corp M38K09RFS Datasheet HTML 233Page - Renesas Technology Corp M38K09RFS Datasheet HTML 234Page - Renesas Technology Corp M38K09RFS Datasheet HTML 235Page - Renesas Technology Corp M38K09RFS Datasheet HTML 236Page - Renesas Technology Corp M38K09RFS Datasheet HTML 237Page - Renesas Technology Corp M38K09RFS Datasheet HTML 238Page - Renesas Technology Corp M38K09RFS Datasheet HTML 239Page - Renesas Technology Corp M38K09RFS Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 328 page
background image
2.13 Flash memory
Rev.2.00
Oct 05, 2006
page 107 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
➀ When control signals are not affected to user system circuit
When the control signals in the standard serial I/O mode are not used or not affected to the user
system circuit, they can be connected as shown in Figure 2.13.5.
Fig. 2.13.5 Connection example in standard serial I/O mode (1)
➁ When control signals are affected to user system circuit-1
Figure 2.13.6 shows an example that the jumper switch cut-off the control signals not to supply
to the user system circuit in the standard serial I/O mode.
Fig. 2.13.6 Connection example in standard serial I/O mode (2)
M38K09F8FP/HP
M38K09F8LFP/LHP
RESET
VPP(CNVSS)
TXD(P41/ExDACK)
SCLK(P42/ExTC)
RXD(P40/ExDREQ)
XIN XOUT
BUSY(P43/ExA1)
VSS
DVCC
PVCC
VCC
PVSS
(P16)
Target board
Not used or to user system circuit
✽1
User reset signal (Low active)
✽1: When not used, set to input mode and pull up or pull down, or set to output mode and open.
✽2: It is necessary to apply Vcc to SCLK (P42/ExTC) pin only when reset is released in the standard serial I/O mode.
✽2
RESET
VPP(CNVSS)
XIN XOUT
VSS
Target board
To user system circuit
User reset signal (Low active)
✽: It is necessary to apply Vcc to SCLK (P42/ExTC) pin only when reset is released in the standard serial I/O mode.
✽
M38K09F8FP/HP
M38K09F8LFP/LHP
TXD(P41/ExDACK)
SCLK(P42/ExTC)
RXD(P40/ExDREQ)
BUSY(P43/ExA1)
DVCC
PVCC
VCC
PVSS
(P16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com