công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K09RFS bảng dữ liệu(PDF) 174 Page - Renesas Technology Corp

tên linh kiện M38K09RFS
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS bảng dữ liệu(HTML) 174 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 170Page - Renesas Technology Corp M38K09RFS Datasheet HTML 171Page - Renesas Technology Corp M38K09RFS Datasheet HTML 172Page - Renesas Technology Corp M38K09RFS Datasheet HTML 173Page - Renesas Technology Corp M38K09RFS Datasheet HTML 174Page - Renesas Technology Corp M38K09RFS Datasheet HTML 175Page - Renesas Technology Corp M38K09RFS Datasheet HTML 176Page - Renesas Technology Corp M38K09RFS Datasheet HTML 177Page - Renesas Technology Corp M38K09RFS Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 45 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.4.3 Serial I/O connection examples
(1)
Control of peripheral IC equipped with CS pin
Figure 2.4.10 shows connection examples of a peripheral IC equipped with the CS pin.
There are connection examples using a clock synchronous serial I/O mode.
Fig. 2.4.10 Serial I/O connection examples (1)
Port
SCLK
TXD
RXD
Port
CS
CLK
IN
OUT
CS
CLK
IN
OUT
(4) Connection of plural IC
38K0 group
Peripheral IC 1
Peripheral IC 2
Port
SCLK
TXD
CS
CLK
IN
OUT
(2) Transmission and reception
38K0 group
Peripheral IC
(E PROM etc.)
2
(3) Transmission and reception
(When connecting RXD with TXD
(When connecting IN with OUT in
peripheral IC)
CS
CLK
IN
OUT
38K0 group
Peripheral IC
(E PROM etc.)
2
✽2
Notes: “Port” means an output port controlled by software.
Port
SCLK
TXD
CS
CLK
DATA
(1) Only transmission
(Using the RXD pin as an I/O port)
38K0 group
Peripheral IC
(OSD controller etc.)
✽1
✽
1: Select an N-channel open-drain output for TXD pin output control.
✽
2: Use the OUT pin of peripheral IC which is an N-channel open-
drain output and becomes high impedance during receiving data.
Port
SCLK
TXD
RXD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com