| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2111B bảng dữ liệu(PDF) 477 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B bảng dữ liệu(HTML) 477 Page - Renesas Technology Corp |
|
477 / 582 page ![]() Rev. 1.00, 05/04, page 443 of 544 7. Boot mode can be cleared by a reset. Cancel the reset* 2 after driving the reset pin low, waiting at least 20 states, and then setting the mode pins. Boot mode is also cleared when a WDT overflow occurs. 8. Do not change the mode pin input levels in boot mode. 9. All interrupts are disabled during programming or erasing of the flash memory. Notes: 1. Some parts of this area are reserved only for boot mode and therefore should not be used for any other purpose. 2. After reset is cancelled, mode pin input settings must satisfy the mode programming setup time (t MDS = 4 states). Table 18.5 Boot Mode Operation Communications Contents Processing Contents Host Operation LSI Operation Processing Contents Continuously transmits data H'00 at specified bit rate. Branches to boot program at reset-start. Boot program start Branches to programming control program transferred to on-chip RAM and starts execution. H'00, H'00 . . . H'00 H'00 H'55 Transmits data H'55 when data H'00 is received error-free. Boot program erase error H'FF H'AA Receives data H'AA. Receives data H'AA. H'AA Echobacks the 2-byte data received to host. Echobacks received data to host and also transfers it to RAM (repeated for N times). High-order byte and low-order byte Echoback Echoback H'XX Transmits number of bytes (N) of programming control program to be transferred as 2-byte data (low-order byte following high-order byte). Transmits 1-byte of programming control program (repeated for N times). • Measures low-level period of receive data H'00. • Calculates bit rate and sets it in BRR of SCI_1. • Transmits data H'00 to host as adjustment end indication. Checks flash memory data, erases all flash memory blocks in case of written data existing, and transmits data H'AA to host. (If erase could not be done, transmits data H'FF to host and aborts operation.) After receiving data H'55, transmits data H'AA to host. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |