công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 373 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 373 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 369Page - Renesas Technology Corp H8S/2111B Datasheet HTML 370Page - Renesas Technology Corp H8S/2111B Datasheet HTML 371Page - Renesas Technology Corp H8S/2111B Datasheet HTML 372Page - Renesas Technology Corp H8S/2111B Datasheet HTML 373Page - Renesas Technology Corp H8S/2111B Datasheet HTML 374Page - Renesas Technology Corp H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp H8S/2111B Datasheet HTML 376Page - Renesas Technology Corp H8S/2111B Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 582 page
background image
Rev. 1.00, 05/04, page 339 of 544
Table 13.10 I
2C Bus Timing (with Maximum Influence of t
Sr/tSf)
Time Indication (at Maximum Transfer Rate) [ns]
Item
t
cyc Indication
t
Sr/tSf
Influence
(Max.)
I
2C Bus
Specifi-
cation
(Min.)
φ =
5 MHz
φ =
8 MHz
φ =
10 MHz
Standard mode
–1000
4000
4000
4000
4000
t
SCLHO
0.5 t
SCLO (–tSr)
High-speed mode
–300
600
950
950
950
Standard mode
–250
4700
4750
4750
4750
t
SCLLO
0.5 t
SCLO (–tSf)
High-speed mode
–250
1300
1000*
1
1000*
1
1000*
1
Standard mode
–1000
4700
3800*
1
3875*
1
3900*
1
t
BUFO
0.5 t
SCLO –1 tcyc
(–t
Sr)
High-speed mode
–300
1300
750*
1
825*
1
850*
1
Standard mode
–250
4000
4550
4625
4650
t
STAHO
0.5 t
SCLO –1 tcyc
(–t
Sf)
High-speed mode
–250
600
800
875
900
Standard mode
–1000
4700
9000
9000
9000
t
STASO
1 t
SCLO (–tSr)
High-speed mode
–300
600
2200
2200
2200
Standard mode
–1000
4000
4400
4250
4200
t
STOSO
0.5 t
SCLO + 2 tcyc
(–t
Sr)
High-speed mode
–300
600
1350
1200
1150
Standard mode
–1000
250
3100
3325
3400
t
SDASO
(master)
1 t
SCLLO*
3 –3 t
cyc
(–t
Sr)
High-speed mode
–300
100
400
625
700
Standard mode
–1000
250
1300
2200
2500
t
SDASO
(slave)
1 t
SCLL*
3
–12 t
cyc*
2
(–t
Sr)
High-speed mode
–300
100
–1400*
1
–500*
1
–200*
1
Standard mode
0
0
600
375
300
t
SDAHO
3 t
cyc
High-speed mode
0
0
600
375
300
Notes: 1. Does not meet the I
2C bus interface specification. Remedial action such as the following
is necessary: (a) secure a start/stop condition issuance interval; (b) adjust the rise and
fall times by means of a pull-up resistor and capacitive load; (c) reduce the transfer rate;
(d) select slave devices whose input timing permits this output timing.
The values in the above table will vary depending on the settings of the IICX bit and bits
CKS0 to CKS2. Depending on the frequency it may not be possible to achieve the
maximum transfer rate; therefore, whether or not the I
2C bus interface specifications are
met must be determined in accordance with the actual setting conditions.
2. Value when the IICX bit is set to 1. When the IICX bit is cleared to 0, the value is (t
SCLL –
6t
cyc).
3. Calculated using the I
2C bus specification values (standard mode: 4700 ns min.; high-
speed mode: 1300 ns min.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com