| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4513 bảng dữ liệu(PDF) 191 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 bảng dữ liệu(HTML) 191 Page - Renesas Technology Corp |
|
191 / 210 page ![]() 3-24 APPENDIX 3.4 Notes on noise 4513/4514 Group User’s Manual 3.4 Notes on noise Countermeasures against noise are described below. The following countermeasures are effective against noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual use. 3.4.1 Shortest wiring length The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer. The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer. (1) Package Select the smallest possible package to make the total wiring length short. q Reason The wiring length depends on a microcom- puter package. Use of a small package, for example QFP and not DIP, makes the total wiring length short to reduce influence of noise. Fig. 3.4.1 Selection of packages (2) Wiring for RESET input pin Make the length of wiring which is connected to the RESET input pin as short as possible. Especially, connect a capacitor across the RESET input pin and the VSS pin with the shortest possible wiring. q Reason In order to reset a microcomputer correctly, 1 machine cycle or more of the width of a pulse input into the RESET pin is required. If noise having a shorter pulse width than this is input to the RESET input pin, the reset is released before the internal state of the microcomputer is completely initialized. This may cause a program runaway. DIP SDIP SOP QFP Fig. 3.4.2 Wiring for the RESET input pin RESET Reset circuit Noise VSS VSS Reset circuit VSS RESET VSS N.G. O.K. |