| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4513 bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp |
|
68 / 210 page ![]() 4513/4514 Group User’s Manual HARDWARE 1-55 Fig. 38 State transition Fig. 39 Set source and clear source of the P flag Fig. 40 Start condition identified example using the SNZP in- struction S R Q Power down flag P POF instruction Reset input or voltage drop detection circuit output q Set source POF instruction is executed q Clear source Reset input • • • • • • • • • • • • • Software start P = “1” ? Yes Warm start Cold start No : Time required to stabilize the f(XIN) oscillation is automatically generated by hardware. Stabilizing time a POF instruction is executed A f(XIN) oscillation Return input (Stabilizing time a ) B (RAM back-up mode) f(XIN) stop Reset (Stabilizing time a ) FUNCTION BLOCK OPERATIONS |