công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K08FD bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp

tên linh kiện M38K08FD
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K08FD bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp

Back Button M38K08FD Datasheet HTML 76Page - Renesas Technology Corp M38K08FD Datasheet HTML 77Page - Renesas Technology Corp M38K08FD Datasheet HTML 78Page - Renesas Technology Corp M38K08FD Datasheet HTML 79Page - Renesas Technology Corp M38K08FD Datasheet HTML 80Page - Renesas Technology Corp M38K08FD Datasheet HTML 81Page - Renesas Technology Corp M38K08FD Datasheet HTML 82Page - Renesas Technology Corp M38K08FD Datasheet HTML 83Page - Renesas Technology Corp M38K08FD Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 63 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
IM_A
[10:8]
b7:b3
–
–
0
–
Index = 0316 : Memory address counter (MEMADH) [address 003516]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
–
Not used
Register to set the high-order address of memory
channel operation start.
This contents are increased each time one memory
access ends.
Write “0” when writing.
“0” is read when reading.
W
R
Fig. 89 Index03[high]; Structure of Memory address counter
b7
b0
END_A
[7:0]
–
0
Index = 0416 : End address register (ENDADL) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–: State remaining
–
Register to set the low-order address of memory
channel operation end.
W
R
Fig. 90 Index04[low]; Structure of End address register
b7
b0
END_A
[10:8]
b7:b3
–
–
0
–
Index = 0416 : End address register (ENDADH) [address 003516]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
–
Not used
Register to set the high-order address of memory
channel operation end.
Write “0” when writing.
“0” is read when reading.
W
R
Fig. 91 Index04[high]; Structure of End address register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com