công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K07FD bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp

tên linh kiện M38K07FD
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K07FD bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp

Back Button M38K07FD Datasheet HTML 72Page - Renesas Technology Corp M38K07FD Datasheet HTML 73Page - Renesas Technology Corp M38K07FD Datasheet HTML 74Page - Renesas Technology Corp M38K07FD Datasheet HTML 75Page - Renesas Technology Corp M38K07FD Datasheet HTML 76Page - Renesas Technology Corp M38K07FD Datasheet HTML 77Page - Renesas Technology Corp M38K07FD Datasheet HTML 78Page - Renesas Technology Corp M38K07FD Datasheet HTML 79Page - Renesas Technology Corp M38K07FD Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 59 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
EXB Related Registers
The EXB related registers are shown below.
b7
b0
CPU channel receive enable bit
CPU channel transmit enable bit
Memory channel operation
enable bit
Not used
RXB_ENB
TXB_ENB
MC_ENB
b7:b3
–
–
–
–
0
0
0
–
EXB interrupt source enable register (EXBICON) [address 003016]
(Note)
0
0
000
Bit name
Bit symbol
At reset
Function
H/W
S/W
0 : Operation disabled (Interrupt disabled)
1 : Operation enabled (Receive buffer full interrupt enabled)
0 : Operation disabled (Interrupt disabled)
1 : Operation enabled (Transmit buffer empty interrupt enabled)
0 : Operation disabled (Memory channel operation end
interrupt disabled)
1 : Operation enabled (Memory channel operation end
interrupt disabled)
Write “0” when writing.
“0” is read when reading.
O
O
O
O
O
O
O
O
–: State remaining
W
R
Note: Do not set each bit simultaneously.
Fig. 79 Structure of EXB interrupt source enable register
b7
b0
RXB_FULL
TXB_EMPTY
MC_STS
[1:0]
(Note 2)
b7:b4
000
0
0
0
0
–
0
(Note 3)
0
(Note 4)
0
–
EXB interrupt source register (EXBIREQ) [address 003116] (Note 1)
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–
–
–
O
–: State remaining
Receive buffer full bit
Transmit buffer empty bit
Memory channel status bits
Not used
0 : Receive buffer empty
1 : Receive buffer full
0 : Transmit buffer full
1 : Transmit buffer empty
b3b2
0 0 : Memory channel operation stopped
0 1 : Memory channel being operating;
No external access
1 0 : Memory channel being operating;
External accessing
1 1 : Memory channel operation end; Memory
channel operation end interrupt generated
Write “0” when writing.
“0” is read when reading.
Notes 1: When the the ExA1 pin control bit of external I/O configuration register is “1”, the external MCU bus can read this
register contents by setting the ExA1 pin to “H”.
2: The memory channel status bits indicate the status of memory channel. In MC_ENB = “0” these bits are always
“002”. When the memory channel operation ends, these bits are set to “112” and the memory channel operation
end interrupt is generated.
These bits can be read out during operation, so that it will show that whether the external MCU bus is accessing
or not.
3: This bit is cleared to “0” when reading the transmit/receive buffer register in the CPU channel receive enable bit =
“1” or when the CPU channel receive enable bit is “0”.
4: This bit is cleared to “0” when writing to the transmit/receive buffer register in the CPU channel transmit enable bit
= “1” or when the CPU channel transmit enable bit is “0”.
W
R
Fig. 80 Structure of EXB interrupt source register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com