| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 584 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 584 Page - Renesas Technology Corp |
|
584 / 715 page ![]() Table A-1 Instruction Set (cont) 7. System control instructions Condition Code Mnemonic Operation I H N Z V C TRAPA #x:2 — PC → @–SP 2 —————— 14 16 CCR → @–SP <vector> → PC RTE — CCR ← @SP+ ¤¤¤¤¤¤ 10 PC ← @SP+ SLEEP — Transition to power- —————— 2 down state LDC #xx:8, CCR B #xx:8 → CCR 2 ¤¤¤¤¤¤ 2 LDC Rs, CCR B Rs8 → CCR 2 ¤¤¤¤¤¤ 2 LDC @ERs, CCR W @ERs → CCR 4 ¤¤¤¤¤¤ 6 LDC @(d:16, ERs), W @(d:16, ERs) → CCR 6 ¤¤¤¤¤¤ 8 CCR LDC @(d:24, ERs), W @(d:24, ERs) → CCR 10 ¤¤¤¤¤¤ 12 CCR LDC @ERs+, CCR W @ERs → CCR 4 ¤¤¤¤¤¤ 8 ERs32+2 → ERs32 LDC @aa:16, CCR W @aa:16 → CCR 6 ¤¤¤¤¤¤ 8 LDC @aa:24, CCR W @aa:24 → CCR 8 ¤¤¤¤¤¤ 10 STC CCR, Rd B CCR → Rd8 2 —————— 2 STC CCR, @ERd W CCR → @ERd 4 —————— 6 STC CCR, @(d:16, W CCR → @(d:16, ERd) 6 —————— 8 ERd) STC CCR, @(d:24, W CCR → @(d:24, ERd) 10 —————— 12 ERd) STC CCR, @–ERd W ERd32–2 → ERd32 4 —————— 8 CCR → @ERd STC CCR, @aa:16 W CCR → @aa:16 6 —————— 8 STC CCR, @aa:24 W CCR → @aa:24 8 —————— 10 ANDC #xx:8, CCR B CCR ∧#xx:8 → CCR 2 ¤¤¤¤¤¤ 2 ORC #xx:8, CCR B CCR ∨#xx:8 → CCR 2 ¤¤¤¤¤¤ 2 XORC #xx:8, CCR B CCR ⊕#xx:8 → CCR 2 ¤¤¤¤¤¤ 2 NOP — PC ← PC+2 2 —————— 2 Addressing Mode and Instruction Length (bytes) No. of States *1 566 |