| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 571 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 571 Page - Renesas Technology Corp |
|
571 / 715 page ![]() Appendix A Instruction Set A.1 Instruction List Operand Notation Symbol Description Rd General destination register Rs General source register Rn General register ERd General destination register (address register or 32-bit register) ERs General source register (address register or 32-bit register) ERn General register (32-bit register) (EAd) Destination operand (EAs) Source operand PC Program counter SP Stack pointer CCR Condition code register N N (negative) flag in CCR Z Z (zero) flag in CCR V V (overflow) flag in CCR C C (carry) flag in CCR disp Displacement → Transfer from the operand on the left to the operand on the right, or transition from the state on the left to the state on the right + Addition of the operands on both sides – Subtraction of the operand on the right from the operand on the left × Multiplication of the operands on both sides ÷ Division of the operand on the left by the operand on the right ∧ Logical AND of the operands on both sides ∨ Logical OR of the operands on both sides ⊕ Exclusive logical OR of the operands on both sides ¬ NOT (logical complement) ( ), < > Contents of operand Note: General registers include 8-bit registers (R0H to R7H and R0L to R7L) and 16-bit registers (R0 to R7 and E0 to E7). 553 |