| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 537 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 537 Page - Renesas Technology Corp |
|
537 / 715 page ![]() Section 18 Electrical Characteristics 18.1 Absolute Maximum Ratings Table 18-1 lists the absolute maximum ratings. Table 18-1 Absolute Maximum Ratings Item Symbol Value Unit Power supply voltage VCC –0.3 to +7.0 V Input voltage (except port 7) VIN –0.3 to VCC +0.3 V Input voltage (port 7) VIN –0.3 to AVCC +0.3 V Reference voltage VREF –0.3 to AVCC +0.3 V Analog power supply voltage AVCC –0.3 to +7.0 V Analog input voltage VAN –0.3 to AVCC +0.3 V Operating temperature Topr Regular specifications: –20 to +75 °C Storage temperature Tstg Wide-range specifications: –40 to +85 °C –55 to +125 °C Caution: Permanent damage to the chip may result if absolute maximum ratings are exceeded. 519 |