| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 386 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 386 Page - Renesas Technology Corp |
|
386 / 715 page ![]() Contention between TCNT Byte Write and Increment: If an increment pulse occurs in the T2 or T3 state of a TCNT byte write cycle, writing takes priority and TCNT is not incremented. The TCNT byte that was not written retains its previous value. See figure 10-63, which shows an increment pulse occurring in the T2 state of a byte write to TCNTH. Figure 10-63 Contention between TCNT Byte Write and Increment ø Address Internal write signal TCNT input clock TCNTH TCNTL TCNTH byte write cycle T1 T2 T3 N TCNTH address M TCNTH write data XX X + 1 368 |