| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3003 bảng dữ liệu(PDF) 362 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 bảng dữ liệu(HTML) 362 Page - Renesas Technology Corp |
|
362 / 715 page ![]() Examples of Complementary PWM Mode: Figure 10-35 shows an example of operation in complementary PWM mode. TCNT3 and TCNT4 operate as up/down-counters, counting down from compare match between TCNT3 and GRA3 and counting up from the point at which TCNT4 underflows. During each up-and-down counting cycle, PWM waveforms are generated by compare match with general registers GRB3, GRA4, and GRB4. Since TCNT3 is initially set to a higher value than TCNT4, compare match events occur in the sequence TCNT3, TCNT4, TCNT4, TCNT3. Figure 10-35 Operation in Complementary PWM Mode (When OLS3 = OLS4 = 1) (Example 1) TCNT3 and TCNT4 values Down-counting starts at compare match between TCNT3 and GRA3 Time GRA3 GRB3 GRA4 GRB4 H'0000 TIOCA3 TIOCB3 TIOCA4 TOCXA4 TIOCB4 TOCXB4 TCNT3 TCNT4 Up-counting starts when TCNT4 underflows 344 |