công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4507 bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp

tên linh kiện 4507
Giải thích chi tiết về linh kiện  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 25Page - Renesas Technology Corp 4507 Datasheet HTML 26Page - Renesas Technology Corp 4507 Datasheet HTML 27Page - Renesas Technology Corp 4507 Datasheet HTML 28Page - Renesas Technology Corp 4507 Datasheet HTML 29Page - Renesas Technology Corp 4507 Datasheet HTML 30Page - Renesas Technology Corp 4507 Datasheet HTML 31Page - Renesas Technology Corp 4507 Datasheet HTML 32Page - Renesas Technology Corp 4507 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 216 page
background image
1-17
4507 Group
HARDWARE
Rev.2.01
Feb 04, 2005
REJ09B0195-0201
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation (with
the SB j, RB j, and SZB j instructions) is enabled for the entire
memory area. A RAM address is specified by a data pointer. The
data pointer consists of registers Z, X, and Y. Set a value to the
data pointer certainly when executing an instruction to access
RAM.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
• Note
Register Z of data pointer is undefined after system is released
from reset.
Also, registers Z, X and Y are undefined in the RAM back-up. After
system is returned from the RAM back-up, set these registers.
Fig. 12 RAM map
Table 2 RAM size
Part number
M34507M2
M34507M4
M34507E4
RAM size
128 words ✕ 4 bits (512 bits)
256 words ✕ 4 bits (1024 bits)
256 words ✕ 4 bits (1024 bits)
Z=0, X=0 to 15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
1
7
23
6
...
15
........
Z=0, X=0 to 7
Register Z
Register X
RAM 256 words ✕ 4 bits (1024 bits)
256 words (1024 bits) M34507M4/E4
128 words (512 bits) M34507M2
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com