| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7286 bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7286 bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp |
|
22 / 1726 page ![]() Rev. 1.00 Jun. 26, 2008 Page xxii of xxx Section 19 I 2C Bus Interface 3 (IIC3)..................................................................925 19.1 Features............................................................................................................................. 925 19.2 Input/Output Pins.............................................................................................................. 927 19.3 Register Descriptions........................................................................................................ 928 19.3.1 I 2C Bus Control Register 1 (ICCR1)................................................................. 929 19.3.2 I 2C Bus Control Register 2 (ICCR2)................................................................. 932 19.3.3 I 2C Bus Mode Register (ICMR)........................................................................ 934 19.3.4 I 2C Bus Interrupt Enable Register (ICIER)....................................................... 936 19.3.5 I 2C Bus Status Register (ICSR)......................................................................... 938 19.3.6 Slave Address Register (SAR).......................................................................... 941 19.3.7 I 2C Bus Transmit Data Register (ICDRT) ........................................................ 941 19.3.8 I 2C Bus Receive Data Register (ICDRR).......................................................... 942 19.3.9 I 2C Bus Shift Register (ICDRS)........................................................................ 942 19.3.10 NF2CYC Register (NF2CYC).......................................................................... 943 19.4 Operation .......................................................................................................................... 944 19.4.1 I 2C Bus Format.................................................................................................. 944 19.4.2 Master Transmit Operation ............................................................................... 945 19.4.3 Master Receive Operation ................................................................................ 947 19.4.4 Slave Transmit Operation ................................................................................. 949 19.4.5 Slave Receive Operation................................................................................... 952 19.4.6 Clocked Synchronous Serial Format ................................................................ 954 19.4.7 Noise Filter ....................................................................................................... 958 19.4.8 Example of Use................................................................................................. 959 19.5 Interrupt Requests ............................................................................................................. 963 19.6 Data Transfer Using DTC................................................................................................. 964 19.7 Bit Synchronous Circuit.................................................................................................... 965 19.8 Usage Notes ...................................................................................................................... 968 19.8.1 Setting for Multi-Master Operation .................................................................. 968 19.8.2 Note on Master Receive Mode ......................................................................... 968 19.8.3 Note on Setting ACKBT in Master Receive Mode........................................... 968 19.8.4 Note on the States of Bits MST and TRN when Arbitration Is Lost................. 969 Section 20 A/D Converter (ADC) ....................................................................... 971 20.1 Features............................................................................................................................. 971 20.2 Input/Output Pins.............................................................................................................. 974 20.3 Register Descriptions........................................................................................................ 975 20.3.1 A/D Control Registers 0 to 2 (ADCR_0 to ADCR_2)...................................... 977 20.3.2 A/D Status Registers 0 to 2 (ADSR_0 to ADSR_2) ......................................... 980 20.3.3 A/D Start Trigger Select Registers 0 to 2 (ADSTRGR_0 to ADSTRGR_2).... 981 |