| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620ECFS bảng dữ liệu(PDF) 244 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS bảng dữ liệu(HTML) 244 Page - Renesas Technology Corp |
|
244 / 621 page ![]() t Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 229 GZZ SH12 03B <77A0> MITSUBISHI ELECTRIC SINGLE-CHIP 16-BIT MICROCOMPUTER M30622MC-XXXFP/GP MASK ROM CONFIRMATION FORM Mask ROM number Note : Please complete all items marked . Supervisor signature Date : Section head signature Customer Company name Date issued Date : TEL ( ) Submitted by Supervisor 1. Check sheet Checksum code for total EPROM area : (hex) (1) Write “FF16” to the lined area. (2) The area from 0000016 to 0000F16 is for storing data on the product type name. The ASCII code for 'M30622MC-' is shown at right. The data in this table must be written to address 0000016 to 0000F16. Both address and data are shown in hex. 'M ' = 4D16 0000016 0000116 0000216 0000316 0000416 0000516 0000616 0000716 Address ' — ' = 2D16 0000816 0000916 0000A16 0000B16 0000C16 0000D16 0000E16 0000F16 Address EPROM type : 27C201 Address 0000016 Product : Area containing ASCII code for M30622MC- ROM(128K) 0000F16 0001016 1FFFF16 2000016 3FFFF16 Microcomputer type No. : ' 0 ' = 3016 ' 6 ' = 3616 ' 2 ' = 3216 ' 2 ' = 3216 'M ' = 4D16 'C ' = 4316 FF16 FF16 FF16 FF16 FF16 FF16 FF16 ' 3 ' = 3316 27C401 Address 0000016 Product : Area containing ASCII code for M30622MC - ROM(128K) 0000F16 0001016 5FFFF16 6000016 7FFFF16 Name the product you order, and choose which to give in, EPROMs or floppy disks. If you order by means of EPROMs, three sets of EPROMs are required per pattern. If you order by means of floppy disks, one floppy disk is required per pattern. Mitsubishi will create the mask using the data on the EPROMs supplied, providing the data is the same on at least two of those sets. Mitsubishi will, therefore, only accept liability if there is any discrepancy between the data on the EPROM sets and the ROM data written to the product. Please carefully check the data on the EPROMs being submitted to Mitsubishi. In the case of EPROMs M30622MC-XXXFP M30622MC-XXXGP |