| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620ECFS bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp |
|
92 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER DMAC 77 b7 b0 b7 b0 (b8) (b15) Function RW • Transfer counter Set a value one less than the transfer count Symbol Address When reset TCR0 002916, 002816 Indeterminate TCR1 003916, 003816 Indeterminate DMAi transfer counter (i = 0, 1) Transfer count specification 000016 to FFFF16 b7 (b23) b3 b0 b7 b0 b7 b0 (b8) (b16)(b15) (b19) Function RW • Source pointer Stores the source address Symbol Address When reset SAR0 002216 to 002016 Indeterminate SAR1 003216 to 003016 Indeterminate DMAi source pointer (i = 0, 1) Transfer count specification 0000016 to FFFFF16 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”. Symbol Address When reset DAR0 002616 to 002416 Indeterminate DAR1 003616 to 003416 Indeterminate b3 b0 b7 b0 b7 b0 (b8) (b15) (b16) (b19) Function RW • Destination pointer Stores the destination address DMAi destination pointer (i = 0, 1) Transfer count specification 0000016 to FFFFF16 b7 (b23) Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”. Figure 1.16.4. DMAC register (3) |