| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620ECFS bảng dữ liệu(PDF) 196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS bảng dữ liệu(HTML) 196 Page - Renesas Technology Corp |
|
196 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 181 Items to be submitted when ordering masked ROM version Please submit the following when ordering masked ROM products: (1) Mask ROM confirmation form (2) Mark specification sheet (3) ROM data : EPROMs or floppy disks *: In the case of EPROMs, there sets of EPROMs are required per pattern. *: In the case of floppy disks, 3.5-inch double-sided high-density disk (IBM format) is required per pattern. |