| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620ECFS bảng dữ liệu(PDF) 432 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS bảng dữ liệu(HTML) 432 Page - Renesas Technology Corp |
|
432 / 621 page ![]() DMAC Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 417 (7) Switching function (a) Switching between one-shot transfer and repeated transfer 'One-shot transfer' refers to a mode in which DMA is disabled after the transfer counter underflows. 'Repeated transfer' refers to a mode in which a reload is carried out after the transfer counter under- flows. The reload is carried out for the transfer counter and on the address pointer subjected to forward direction. The following are examples of operation in which the options listed are selected. • A fixed address from an arbitrary 1M byte space, one-shot transfer ........................................ P420 • An arbitrary 1M byte space from a fixed address, repeated transfer ........................................ P422 (8) Registers related to DMAC Figure 2.9.1 shows the memory map of DMAC-related registers, and Figures 2.9.2 and 2.9.3 show DMAC-related registers. Figure 2.9.1. Memory map of DMAC-related registers 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002C15 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003C16 004B16 004C16 03B816 03B916 03BA16 DMA0 control register (DM0CON) DMA0 source pointer (SAR0) DMA0 transfer counter (TCR0) DMA0 destination pointer (DAR0) DMA1 control register (DM1CON) DMA1 source pointer (SAR1) DMA1 transfer counter (TCR1) DMA1 destination pointer (DAR1) DMA0 cause select register (DM0SL) DMA1 cause select register (DM1SL) DMA0 interrupt control register (DM0IC) DMA1 interrupt control register (DM1IC) |