| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7641 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7641 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1036 page ![]() Rev. 4.00 Sep. 14, 2005 Page xxxix of l Figure 20.16 EP2 PKTE Operation ............................................................................................ 785 Figure 20.17 Example of USB Function Module External Circuitry (For On-Chip Transceiver).................................................................................... 787 Figure 20.18 Example of USB Function Module External Circuitry (For External Transceiver) .................................................................................... 788 Figure 20.19 IRQ0 and IRQ1 Interrupt Circuitry .......................................................................790 Figure 20.20 USB Standby Operation Timing ........................................................................... 790 Figure 20.21 Sample Flowchart for Initialization of the USB Bus Power Control Method ....... 791 Figure 20.22 Sample Flowchart for Changing the State from USB Suspend to Standby ........... 792 Figure 20.23 Sample Flowchart for AWAKE ............................................................................ 793 Figure 20.24 Timing for Setting the TR Interrupt Flag .............................................................. 796 Section 21 A/D Converter Figure 21.1 Block Diagram of A/D Converter ........................................................................... 798 Figure 21.2 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) ............ 806 Figure 21.3 Example of A/D Converter Operation (Multi Mode, Channels AN0 to AN2 Selected) ..................................................... 807 Figure 21.4 Example of A/D Converter Operation (Scan Mode, Channels AN0 to AN2 Selected) ........................................................................................................ 809 Figure 21.5 A/D Conversion Timing.......................................................................................... 811 Figure 21.6 Definitions of A/D Conversion Accuracy ............................................................... 814 Figure 21.7 Example of Analog Input Protection Circuit ........................................................... 817 Figure 21.8 Analog Input Pin Equivalent Circuit ....................................................................... 817 Figure 21.9 Example of Analog Input Circuit ............................................................................ 817 Section 22 Pin Function Controller (PFC) Figure 22.1 Internal Block Diagram of I/O Buffer with Weak Keeper ...................................... 841 Figure 22.2 Internal Block Diagram of I/O Buffer with Open Drain ......................................... 842 Section 23 I/O Ports Figure 23.1 Port A ...................................................................................................................... 843 Figure 23.2 Port B ...................................................................................................................... 845 Figure 23.3 Port C ...................................................................................................................... 847 Figure 23.4 Port D ...................................................................................................................... 849 Figure 23.5 Port E....................................................................................................................... 851 Figure 23.6 Port F....................................................................................................................... 853 Figure 23.7 Port G ...................................................................................................................... 856 Figure 23.8 Internal Block Diagram of PG7DT to PG0DT ........................................................ 859 Figure 23.9 Port H ...................................................................................................................... 860 Figure 23.10 Port J...................................................................................................................... 862 |