công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C16 bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp

tên linh kiện R8C16
Giải thích chi tiết về linh kiện  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C16 bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp

Back Button R8C16 Datasheet HTML 65Page - Renesas Technology Corp R8C16 Datasheet HTML 66Page - Renesas Technology Corp R8C16 Datasheet HTML 67Page - Renesas Technology Corp R8C16 Datasheet HTML 68Page - Renesas Technology Corp R8C16 Datasheet HTML 69Page - Renesas Technology Corp R8C16 Datasheet HTML 70Page - Renesas Technology Corp R8C16 Datasheet HTML 71Page - Renesas Technology Corp R8C16 Datasheet HTML 72Page - Renesas Technology Corp R8C16 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 56 of 254
REJ09B0169-0210
11. Interrupt
11.1
Interrupt Overview
11.1.1
Types of Interrupts
Figure 11.1 shows types of Interrupts.
Figure 11.1
Interrupts
• Maskable Interrupt:
The interrupt enable flag (I flag) enables or disables an interrupt. The
interrupt priority order based on interrupt priority level can be
changed.
• Non-Maskable Interrupt:
The interrupt enable flag (I flag) does not enable or disable an
interrupt. The interrupt priority order based on interrupt priority level
cannot be changed.
Interrupt
(Non-Maskable Interrupt)
Hardware
Software
(Non-Maskable Interrupt)
(Maskable Interrupt)
Special
Peripheral Function(1)
Undefined Instruction (UND Instruction)
Overflow (INTO Instruction)
BRK Instruction
INT Instruction
Watchdog Timer
Oscillation Stop Detection
Voltage Monitor 2
Single Step(2)
Address Match
NOTES :
1. Peripheral function interrupts in the microcomputer are used to generate the peripheral interrupt.
2. Do not use this interrupt. For development tools only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com