| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7750 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7750 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 1162 page ![]() Rev.7.00 Oct. 10, 2008 Page vii of lxxxiv REJ09B0366-0700 Main Revisions for This Edition Item Page Revision (See Manual for Details) All ⎯ • Notification of change in company name amended (Before) Hitachi, Ltd. → (After) Renesas Technology Corp. Description amended I φ → Ick B φ → Bck P φ → Pck 1.1 SH7750, SH7750S, SH7750R Groups Features 1 Description amended This LSI (SH7750, SH7750S, and SH7750R Groups) is a 32-bit RISC (reduced instruction set computer) microprocessor with a SH-4 CPU core and features upward compatibility with SH-1, SH-2, and SH-3 microcomputers at the instruction set level. Table 1.1 LSI Features 1 to 3, 8 Table amended SH-1, SH-2, and SH-3) Item Features LSI • Superscalar architecture: Parallel execution of two instructions • External buses ⎯ Separate 26-bit address and 64-bit data buses ⎯ External bus frequency of 1/2, 1/3, 1/4, 1/6, or 1/8 times internal bus frequency CPU • RISC-type instruction set (upward-compatible with FPU • Floating-point registers: 32 bits × 16 × 2 banks (single-precision 32 bits × 16 or double-precision 64 bits × 8) × 2 banks Product lineup Abbre- viation Voltage (Internal) Operating Frequency Model No. Package SH7750 1.95 V 200 MHz HD6417750BP200M 256-pin BGA 1.8 V 167 MHz HD6417750F167 1.5 V 128 MHz HD6417750VF128 208-pin QFP SH7750S 1.95 V 200 MHz HD6417750SBP200 256-pin BGA HD6417750SF200 1.8 V 167 MHz HD6417750SF167 1.5 V 133 MHz HD6417750SVF133 208-pin QFP HD6417750SVBT133 264-pin CSP SH7750R 1.5 V 240 M 200 MHz Hz HD6417750RBG240 292-pin BGA HD6417750RBP240 256-pin BGA HD6417750RF240 208-pin QFP HD6417750RBG200 292-pin BGA HD6417750RBP200 256-pin BGA HD6417750RF200 208-pin QFP |