| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7108 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 560 page ![]() Rev.1.00 Sep. 18, 2008 Page xxxii of xxxiv REJ09B0069-0100 Table 10.6 BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (1)................. 298 Table 10.6 BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (2)................. 298 Table 10.6 BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (3)................. 299 Table 10.6 BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (4)................. 299 Table 10.7 Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)...... 300 Table 10.8 Serial Transfer Formats (Asynchronous Mode) ..................................................... 302 Table 10.9 SSR Status Flags and Receive Data Handling........................................................ 309 Table 10.10 SCI Interrupt Sources ............................................................................................. 326 Section 11 A/D Converter Table 11.1 Pin Configuration ................................................................................................... 331 Table 11.2 Channel Select List................................................................................................. 335 Table 11.3 A/D Conversion Time (Single Mode) .................................................................... 343 Table 11.4 A/D Conversion Time (Scan Mode)....................................................................... 343 Table 11.5 A/D Converter Interrupt Source ............................................................................. 344 Table 11.6 Analog Pin Specifications ...................................................................................... 349 Section 13 Motor Management Timer (MMT) Table 13.1 Pin Configuration ................................................................................................... 363 Table 13.2 Initial Values of TBRU to TBRW and Initial Output ............................................ 375 Table 13.3 Relationship between A/D Conversion Start Timing and Operating Mode ........... 378 Table 13.4 MMT Interrupt Sources.......................................................................................... 379 Table 13.5 Pin Configuration ................................................................................................... 387 Section 14 Pin Function Controller (PFC) Table 14.1 SH7108 Multiplexed Pins (Port A) ........................................................................ 393 Table 14.2 SH7108 Multiplexed Pins (Port B)......................................................................... 394 Table 14.3 SH7108 Multiplexed Pins (Port E)......................................................................... 394 Table 14.4 SH7108 Multiplexed Pins (Port F) ......................................................................... 395 Table 14.5 SH7108 Multiplexed Pins (Port G) ........................................................................ 395 Table 14.6 SH7109 Multiplexed Pins (Port A) ........................................................................ 396 Table 14.7 SH7109 Multiplexed Pins (Port B)......................................................................... 397 Table 14.8 SH7109 Multiplexed Pins (Port D) ........................................................................ 397 Table 14.9 SH7109 Multiplexed Pins (Port E)......................................................................... 398 Table 14.10 SH7109 Multiplexed Pins (Port F) ......................................................................... 399 Table 14.11 SH7108 Pin Functions in Each Operating Mode.................................................... 400 Table 14.12 SH7109 Pin Functions in Each Operating Mode (1) .............................................. 403 Table 14.13 SH7109 Pin Functions in Each Operating Mode (2) .............................................. 406 |