| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F7017F28 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F7017F28 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 754 page ![]() 1. SH7014/16/17 Overview Rev.5.00 Sep. 27, 2007 Page 5 of 716 REJ09B0398-0500 Operating Modes: • Operating modes ⎯ Non-extended ROM mode (SH7014/16/17) ⎯ Extended ROM mode (SH7016/17) ⎯ Single-chip mode (SH7016/17) • Processing states ⎯ Program execution state ⎯ Exception processing state • Power-down modes ⎯ Sleep mode ⎯ Software standby mode Clock Pulse Generator (CPG): • On-chip clock pulse generator ⎯ On-chip clock-doubling PLL circuit Product Lineup: Product Code On-Chip ROM On-Chip RAM A/D Precision Frequency/ Voltage Temperature Package HD6417014F28 ROMless 3 kB ±15 LSB (high-speed A/D) 28.7 MHz/5 V −20 to +75°C FP-112 HD6417014RF28 ROMless 3 kB ±8 LSB (high-speed A/D) 28.7 MHz/5 V −20 to +75°C FP-112 HD6437016F28 64 kB mask ROM 3 kB ±4 LSB (mid-speed A/D) 28.7 MHz/5 V −20 to +75°C FP-112 HD64F7017F28 128 kB flash memory 4 kB ±4LSB (mid-speed A/D) 28.7 MHz/5 V −20 to +75°C FP-112 |