| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7016 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7016 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 754 page ![]() 1. SH7014/16/17 Overview Rev.5.00 Sep. 27, 2007 Page 15 of 716 REJ09B0398-0500 Classification Symbol I/O Name Function Data bus D0 to D15 I/O Data bus 16-bit bidirectional data bus Bus control CS0 to CS3 O Chip selects 0 to 3 Chip select signals for external memory or devices. RD O Read Indicates reading from an external device. WRH O Upper write Indicates writing the upper 8 bits of external data. WRL O Lower write Indicates writing the lower 8 bits of external data. WAIT I Wait Input causes insertion of wait cycles into the bus cycle during external space access. RAS O Row address strobe Timing signal for DRAM row address strobe. CASH O Upper column address strobe Timing signal for DRAM column address strobe. Output when the upper 8 bits of data are accessed. CASL O Lower column address strobe Timing signal for DRAM column address strobe. Output when the lower 8 bits of data are accessed. RDWR O DRAM read/write DRAM write strobe signal. AH O Address hold Address hold timing signal for devices using an address/data multiplex bus. Multifunction Timer Pulse Unit (MTU) TCLKA TCLKB TCLKC TCLKD I MTU timer clock input Input pins for external clocks to the MTU counter. TIOC0A TIOC0B TIOC0C TIOC0D I/O MTU input capture/output compare (channel 0) Channel 0 input capture input/output compare output/PWM output pins. |