công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3007 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp

tên linh kiện H8/3007
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3007 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp

Back Button H8/3007 Datasheet HTML 28Page - Renesas Technology Corp H8/3007 Datasheet HTML 29Page - Renesas Technology Corp H8/3007 Datasheet HTML 30Page - Renesas Technology Corp H8/3007 Datasheet HTML 31Page - Renesas Technology Corp H8/3007 Datasheet HTML 32Page - Renesas Technology Corp H8/3007 Datasheet HTML 33Page - Renesas Technology Corp H8/3007 Datasheet HTML 34Page - Renesas Technology Corp H8/3007 Datasheet HTML 35Page - Renesas Technology Corp H8/3007 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 796 page
background image
1. Overview
Rev.5.00 Sep. 12, 2007 Page 4 of 764
REJ09B0396-0500
Feature
Description
8-bit timer,
4 channels
• 8-bit up-counter (external event count capability)
• Two time constant registers
• Two channels can be connected
Programmable
timing pattern
controller (TPC)
• Maximum 16-bit pulse output, using 16-bit timer as time base
• Up to four 4-bit pulse output groups (or one 16-bit group, or two 8-bit groups)
• Non-overlap mode available
• Output data can be transferred by DMAC
Watchdog
timer (WDT),
1 channel
• Internal reset signal can be generated by overflow
• Reset signal can be output externally
• Usable as an interval timer
Serial
communication
interface (SCI),
3 channels
• Selection of asynchronous or synchronous mode
• Full duplex: can transmit and receive simultaneously
• On-chip baud-rate generator
• Smart card interface functions added
A/D converter
• Resolution: 10 bits
• Eight channels, with selection of single or scan mode
• Variable analog conversion voltage range
• Sample-and-hold function
• A/D conversion can be started by an external trigger or 8-bit timer compare-
match
• DMAC can be activated by an A/D conversion end interrupt
D/A converter
• Resolution: 8 bits
• Two channels
• D/A outputs can be sustained in software standby mode
I/O ports
• 35 input/output pins
• 12 input-only pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com