công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 187 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 187 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 183Page - Renesas Technology Corp H8S/2114R Datasheet HTML 184Page - Renesas Technology Corp H8S/2114R Datasheet HTML 185Page - Renesas Technology Corp H8S/2114R Datasheet HTML 186Page - Renesas Technology Corp H8S/2114R Datasheet HTML 187Page - Renesas Technology Corp H8S/2114R Datasheet HTML 188Page - Renesas Technology Corp H8S/2114R Datasheet HTML 189Page - Renesas Technology Corp H8S/2114R Datasheet HTML 190Page - Renesas Technology Corp H8S/2114R Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 139 of 986
REJ09B0098-0300
7.2.2
DTC Mode Register B (MRB)
MRB selects the DTC operating mode.
Bit
Bit Name Initial Value
R/W
Description
7
CHNE
Undefined
—
DTC Chain Transfer Enable
When this bit is set to 1, a chain transfer will be
performed. For details, see section 7.5.4, Chain
Transfer.
In data transfer with CHNE set to 1, determination of
the end of the specified number of data transfers,
clearing of the interrupt source flag, and clearing of
DTCER are not performed.
6
DISEL
Undefined
—
DTC Interrupt Select
When this bit is set to 1, a CPU interrupt request is
generated every time data transfer ends. (DTC does not
clear the interrupt source flag which is as an activation
source, to 0.) When this bit is cleared to 0, a CPU
interrupt request is generated only when the specified
number of data transfers ends. (DTC does not clear the
interrupt source flag which is as an activation source, to
0.)
5 to 0 —
All undefined
—
Reserved
These bits have no effect on DTC operation. The write
value should always be 0.
7.2.3
DTC Source Address Register (SAR)
SAR is a 24-bit register that designates the source address of data to be transferred by the DTC.
For word-size transfer, specify an even source address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com