công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 181 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 181 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 177Page - Renesas Technology Corp H8S/2114R Datasheet HTML 178Page - Renesas Technology Corp H8S/2114R Datasheet HTML 179Page - Renesas Technology Corp H8S/2114R Datasheet HTML 180Page - Renesas Technology Corp H8S/2114R Datasheet HTML 181Page - Renesas Technology Corp H8S/2114R Datasheet HTML 182Page - Renesas Technology Corp H8S/2114R Datasheet HTML 183Page - Renesas Technology Corp H8S/2114R Datasheet HTML 184Page - Renesas Technology Corp H8S/2114R Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1038 page
background image
Section 6 Bus Controller (BSC)
Rev. 3.00 Jul. 14, 2005 Page 133 of 986
REJ09B0098-0300
(2)
DTC
The DTC sends the bus arbiter a request for the bus when an activation request is generated.
The DTC is a bus master with lower priority than the LPC, and if a bus request is received from
the LPC, the bus arbiter transfers the bus to the LPC.
• LPC bus transfer timing
The bus is transferred at a break between bus cycles.
If a bus cycle is executed in discrete operations, as in the case of a longword-size access, the
bus is not transferred between the component operations. Similarly, in case of a 32-bit access
by the DTC, the bus is not transferred between the component operations for each longword.
(3)
LPC
The LPC has the highest bus master priority. The LPC sends the bus arbiter a request for the bus
when an activation request is generated. The LPC does not release the bus until it completes
reading/writing the on-chip memory. For details, see section 18, LPC Interface (LPC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com