công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 159 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 159 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 155Page - Renesas Technology Corp H8S/2114R Datasheet HTML 156Page - Renesas Technology Corp H8S/2114R Datasheet HTML 157Page - Renesas Technology Corp H8S/2114R Datasheet HTML 158Page - Renesas Technology Corp H8S/2114R Datasheet HTML 159Page - Renesas Technology Corp H8S/2114R Datasheet HTML 160Page - Renesas Technology Corp H8S/2114R Datasheet HTML 161Page - Renesas Technology Corp H8S/2114R Datasheet HTML 162Page - Renesas Technology Corp H8S/2114R Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 111 of 986
REJ09B0098-0300
(1) Interrupt Acceptance Control and 3-Level Control
In interrupt control modes 0 and 1, interrupt acceptance control and 3-level mask control is
performed by means of the I and UI bits in CCR and ICR (control level).
Table 5.7 shows the interrupts selected in each interrupt control mode.
Table 5.7
Interrupts Selected in Each Interrupt Control Mode
Interrupt Mask Bits
Interrupt Control Mode I
UI
Selected Interrupts
0
0
*
All interrupts (interrupt control level 1 has
priority)
1
*
NMI and address break interrupts
1
0
*
All interrupts (interrupt control level 1 has
priority)
1
0
NMI, address break, and interrupt control level 1
interrupts
1
NMI and address break interrupts
[Legend]
*:
Don’t care
(2) Default Priority Determination
The priority is determined for the selected interrupt, and a vector number is generated.
If the same value is set for ICR, acceptance of multiple interrupts is enabled, and so only the
interrupt source with the highest priority according to the preset default priorities is selected and
has a vector number generated.
Interrupt sources with a lower priority than the accepted interrupt source are held pending.
Table 5.8 shows operations and control signal functions in each interrupt control mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com