công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 123 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 123 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 119Page - Renesas Technology Corp H8S/2114R Datasheet HTML 120Page - Renesas Technology Corp H8S/2114R Datasheet HTML 121Page - Renesas Technology Corp H8S/2114R Datasheet HTML 122Page - Renesas Technology Corp H8S/2114R Datasheet HTML 123Page - Renesas Technology Corp H8S/2114R Datasheet HTML 124Page - Renesas Technology Corp H8S/2114R Datasheet HTML 125Page - Renesas Technology Corp H8S/2114R Datasheet HTML 126Page - Renesas Technology Corp H8S/2114R Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 1038 page
background image
Section 4 Exception Handling
Rev. 3.00 Jul. 14, 2005 Page 75 of 986
REJ09B0098-0300
φ
RES
Internal address bus
Internal read signal
Internal write signal
Internal data bus
Vector
fetch
(1) Reset exception handling vector address (1) U = H'000000 (1) L = H'000002
(2) Start address (contents of reset exception handling vector address)
(3) Start address ((3) = (2)U + (2)L)
(4) First program instruction
(1) U
(3)
High
Internal
processing
Prefetch of first
program instruction
(2)
(2)
(4)
UL
(1) L
Figure 4.1 Reset Sequence (Mode 2)
4.3.2
Interrupts Immediately after Reset
If an interrupt is accepted immediately after a reset and before the stack pointer (SP) is initialized,
the PC and CCR will not be saved correctly, leading to a program crash. To prevent this, all
interrupt requests, including NMI, are disabled immediately after a reset. Since the first instruction
of a program is always executed immediately after a reset, make sure that this instruction
initializes the SP (example: MOV.L #xx: 32, SP).
4.3.3
On-Chip Peripheral Modules after Reset is Cancelled
After a reset is cancelled, the module stop control registers (MSTPCRH, MSTPCRL, and
MSTPCRA) are initialized, and all modules except the DTC operate in module stop mode.
Therefore, the registers of on-chip peripheral modules cannot be read from or written to. To read
from and write to these registers, clear module stop mode. For details on module stop mode, see
section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com