công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 725 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 725 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 721Page - Renesas Technology Corp H8S/2114R Datasheet HTML 722Page - Renesas Technology Corp H8S/2114R Datasheet HTML 723Page - Renesas Technology Corp H8S/2114R Datasheet HTML 724Page - Renesas Technology Corp H8S/2114R Datasheet HTML 725Page - Renesas Technology Corp H8S/2114R Datasheet HTML 726Page - Renesas Technology Corp H8S/2114R Datasheet HTML 727Page - Renesas Technology Corp H8S/2114R Datasheet HTML 728Page - Renesas Technology Corp H8S/2114R Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 677 of 986
REJ09B0098-0300
18.4
Operation
18.4.1
LPC interface Activation
The LPC interface is activated by setting one of the following bits to 1: LPC3E to LPC1E in
HICR0, LPC4E in HICR4, or LMCCR1 in LMCE. When the LPC interface is activated, the
related I/O ports (P37 to P30, P83 and P82) function as dedicated LPC interface input/output pins.
In addition, setting the FGA20E, PMEE, LSMIE, and LSCIE bits to 1 adds the related I/O ports
(P81, P80, PB0, and PB1) to the LPC interface’s input/output pins.
Use the following procedure to activate the LPC interface after a reset release.
1. Read the signal line status and confirm that the LPC module can be connected. Also check that
the LPC module is initialized internally.
2. When using channel 4, set LADR4 to determine the I/O address
3. When using channel 3, set LADR3 to determine the I/O address and whether bidirectional data
registers are to be used.
Set the relevant registers when the LPC/FW memory cycle is used.
4. Set the enable bit (LPC4E to LPC1E, and LMCE) for the channel to be used.
5. Set the enable bits (FGA20E, PMEE, LSMIE, and LSCIE) for the additional functions to be
used.
6. Set the selection bits for other functions (SDWNE, IEDIR).
7. As a precaution, clear the interrupt flags (LRST, SDWN, ABRT, OBF, FLPI, FLEI, BUFINI
and USERI). Read IDR or TWR15 to clear IBF.
8. Set receive complete interrupt enable bits (IBFIE4 to IBFIE1, ERRIE, FLPIE, FLEIE,
BUFINIE, and USERIE) as necessary.
18.4.2
LPC I/O Cycles
There are 12 types of LPC transfer cycle: LPC memory read, LPC memory write, I/O read, I/O
write, DMA read, DMA write, bus master memory read, bus master memory write, bus master I/O
read, bus master I/O write, FW memory read, and FW memory write. Of these, the LPC of this
LSI supports I/O read, I/O write, LPC memory read, LPC memory write, FW memory read, and
FW memory write cycles.
An LPC transfer cycle is started when the
LFRAME signal goes low in the bus idle state. If the
LFRAME signal goes low when the bus is not idle, this means that a forced termination (abort) of
the LPC transfer cycle has been requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com