công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 673 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 673 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 669Page - Renesas Technology Corp H8S/2114R Datasheet HTML 670Page - Renesas Technology Corp H8S/2114R Datasheet HTML 671Page - Renesas Technology Corp H8S/2114R Datasheet HTML 672Page - Renesas Technology Corp H8S/2114R Datasheet HTML 673Page - Renesas Technology Corp H8S/2114R Datasheet HTML 674Page - Renesas Technology Corp H8S/2114R Datasheet HTML 675Page - Renesas Technology Corp H8S/2114R Datasheet HTML 676Page - Renesas Technology Corp H8S/2114R Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 625 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave
Host Description
1
LSMIB
0
R/W
LSMI Output Bit
Controls LSMI output in combination with the LSMIE
bit. For details, refer to description on the LSMIE bit
in HICR0.
0
LSCIB
0
R/W
LSCI output Bit
Controls LSCI output in combination with the LSCIE
bit. For details, refer to description on the LSCIE bit
in HICR0.
18.3.2
Host Interface Control Registers 2 and 3 (HICR2 and HICR3)
HICR2 controls interrupts to an LPC interface slave (this LSI). HICR3 monitors the states of the
LPC interface pins. Bits 6 to 0 in HICR2 are initialized to H'00 by a reset or in hardware standby
mode. The states of other bits are decided by the pin states. The pin states can be monitored by the
pin monitoring bits regardless of the LPC interface operating state or the operating state of the
functions that use pin multiplexing.
• HICR2
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
GA20
Undefined
R
GA20 Pin Monitor
6
LRST
0
R/(W)*
LPC Reset Interrupt Flag
This bit is a flag that generates an ERRI interrupt
when an LPC hardware reset occurs.
0: [Clearing condition]
• Writing 0 after reading LRST = 1
1: [Setting condition]
• LRESET pin falling edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com