công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 654 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 654 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 650Page - Renesas Technology Corp H8S/2114R Datasheet HTML 651Page - Renesas Technology Corp H8S/2114R Datasheet HTML 652Page - Renesas Technology Corp H8S/2114R Datasheet HTML 653Page - Renesas Technology Corp H8S/2114R Datasheet HTML 654Page - Renesas Technology Corp H8S/2114R Datasheet HTML 655Page - Renesas Technology Corp H8S/2114R Datasheet HTML 656Page - Renesas Technology Corp H8S/2114R Datasheet HTML 657Page - Renesas Technology Corp H8S/2114R Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 606 of 986
REJ09B0098-0300
17.4.10
First KCLK Falling Interrupt
An interrupt can be generated by detecting the first falling edge of KCLK on reception and
transmission. Software standby, watch, and subsleep modes can be cancelled by a first KCLK
falling interrupt.
• Reception
When both KBIOE and KBE are set to 1, KCIF is set after the first falling edge of KCLK has
been detected.
At this time, if KCIE is set to 1, the CPU is requested an interrupt.
KCIF is set at the same time when the RXCR3 to RXCR0 bits in KBCRL are incremented
from B'0000 to B'0001.
• Transmission
When both KBIOE and KBTS are set to 1, the KCIF is set after the first falling edge of KCLK
has been detected.
At this time, if KCIE is set to 1, the CPU is requested an interrupt.
KCIF is set at the same time when the TXCR3 to TXCR0 bits in KBCR2 are incremented from
B'0000 to B'0001.
• Determining interrupt generation
By checking the KBE, KBTS, and KBTE bits, it can be determined whether the first KCLK
falling interrupt is occurred during reception or transmission.
During reception: KBE = 1
During transmission: KBTS = 1 or KBTE = 1 (Check KBTE = 1 because the KBTS is
automatically cleared after transfer has been completed.)
KD
Interrupt
internal
signal
KCLK
1
01
23
Start bit
Start bit
0000
0001
0010
RXCR3
to RXCR0
Interrupt generated
Interrupt
internal
signal
Interrupt generated
KD
KCLK
1
I/O inhibit
01
2
0000
0001
0010
TXCR3
to TXCR0
(a) Reception
(b) Transmission
Figure 17.15 Timing of First KCLK Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com