công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 604 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 604 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 600Page - Renesas Technology Corp H8S/2114R Datasheet HTML 601Page - Renesas Technology Corp H8S/2114R Datasheet HTML 602Page - Renesas Technology Corp H8S/2114R Datasheet HTML 603Page - Renesas Technology Corp H8S/2114R Datasheet HTML 604Page - Renesas Technology Corp H8S/2114R Datasheet HTML 605Page - Renesas Technology Corp H8S/2114R Datasheet HTML 606Page - Renesas Technology Corp H8S/2114R Datasheet HTML 607Page - Renesas Technology Corp H8S/2114R Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 556 of 986
REJ09B0098-0300
Slave receive mode
End
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read AASX, AAS and ADZ in ICSR
Read TRS in ICCR
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read ICDR
Wait for one frame
Read ICDR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Set HNDS = 0 in ICXR
General call address processing
* Description omitted
Set MST = 0
and TRS = 0 in ICCR
IRIC = 1?
No
Yes
ICDRF = 1?
Yes
TRS = 1?
IRIC = 1?
ICDRF = 1?
Yes
Yes
No
No
Yes
No
AAS = 1
and ADZ = 1?
No
No
[1] Select slave receive mode.
[2] Read the receive data remaining unread.
[3] to [7] Wait for one byte to be received (slave address + R/W)
(Set IRIC at the rise of the 9th clock)
[9] Wait for ACKB setting and set acknowledge data
for the last reception
(after the rise of the 9th clock of (n-1)th byte data)
[15] Clear IRIC
[14] Read the last receive data
[8] Clear IRIC
[13] Clear IRIC
[10] Read the receive data. The first read is a dummy read.
[11] Wait for one byte to be received
(Set IRIC at the rise of the 9th clock)
[12] Detect stop condition
Slave transmit mode
Yes
No
No
Read ICDR
No
Yes
Yes
Yes
ICDRF = 1?
(n-2)th-byte
reception?
ESTP = 1 or
STOP = 1?
* n: Address + total number of bytes received
Figure 16.20 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com