công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 341 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 341 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 337Page - Renesas Technology Corp H8S/2114R Datasheet HTML 338Page - Renesas Technology Corp H8S/2114R Datasheet HTML 339Page - Renesas Technology Corp H8S/2114R Datasheet HTML 340Page - Renesas Technology Corp H8S/2114R Datasheet HTML 341Page - Renesas Technology Corp H8S/2114R Datasheet HTML 342Page - Renesas Technology Corp H8S/2114R Datasheet HTML 343Page - Renesas Technology Corp H8S/2114R Datasheet HTML 344Page - Renesas Technology Corp H8S/2114R Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 293 of 986
REJ09B0098-0300
11.5.5
Buffered Input Capture Input Timing
ICRC and ICRD can operate as buffers for ICRA and ICRB, respectively. Figure 11.9 shows how
input capture operates when ICRC is used as ICRA's buffer register (BUFEA = 1) and IEDGA and
IEDGC are set to different values (IEDGA = 0 and IEDGC = 1, or IEDGA = 1 and IEDGC = 0),
so that input capture is performed on both the rising and falling edges of FTIA.
Input capture
signal
φ
FTIA
FRC
ICRA
ICRC
n
n + 1
N + 1
N
Mn
mM
n
M
N
n
Figure 11.9 Buffered Input Capture Timing
Even when ICRC or ICRD is used as a buffer register, its input capture flag is set by the selected
transition of its input capture signal. For example, if ICRC is used to buffer ICRA, when the edge
transition selected by the IEDGC bit occurs on the FTIC input capture line, ICFC will be set, and
if the ICICE bit is set at this time, an interrupt will be requested. The FRC value will not be
transferred to ICRC, however. In buffered input capture, if either set of two registers to which data
will be transferred (ICRA and ICRC, or ICRB and ICRD) is being read when the input capture
input signal arrives, input capture is delayed by one system clock (
φ). Figure 11.10 shows the
timing when BUFEA = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com