| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7727 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page xxx of lxxii Page Previous Version Revised Version 1001 Table A.3 Pin Status (Normal Memory/Little Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1003 Table A.4 Pin Status (Normal Memory/Big Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1005 Table A.5 Pin Status (Burst ROM/Little Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1007 Table A.6 Pin Status (Burst ROM/Big Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1011 Table A.9 Pin Status (PCMCIA/Little Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1013 Table A.10 Pin Status (PCMCIA/Big Endian) (cont) Note: 2. Unused pins can be switched to port function, pull-up, or pull-down. Note: 2. Unused pins can be switched to port function, pull-up. 1018, 1019, 1021 Table B.1 Memory-Mapped Control Registers (Address Map) Control Register Module* 1 Bus* 2 Address* 4 Size (Bits) Access Size (Bits)* 3 SIRCR SIOF P2 H'040000EC 32 32 SITMR SIOF P2 H'040000FC 16 16 SIFPR SIOF P2 H'040000FE 16 16 PACR PORT P H'04000100 16 16 PBCR PORT P H'04000102 16 16 SDIR UDI I2 H'04000200 16 16 SDDR/SDDRH UDI I2 H'04000208 16/32 16/32 SDDRL UDI I2 H'0400020A 16 16 IPRF PPCNT P2 H'04000220 16 16 IPRG PPCNT P2 H'04000222 16 16 HcRhPortStatus2 (USBHRPS2) USBH P2 H'04000458 32 32 LDPR00 LCDC P2 H'04000800 32 32 LDICKR LCDC P2 H'04000C00 16 16 Control Register Module* 1 Bus* 2 Address* 4 Size (Bits) Access Size (Bits)* 3 SIRCR SIOF P2 H'040000EC 32 32 PACR PORT P H'04000100 16 16 PBCR PORT P H'04000102 16 16 SDIR H-UDI I2 H'04000200 16 16 IPRF PPCNT P2 H'04000220 16 16 IPRG PPCNT P2 H'04000222 16 16 HcRhPortStatus2 (USBHRPS2) USBH P2 H'04000458 32 32 LDPR00 to LDPRFF LCDC P2 H'04000800 to H'04000BFC 32 32 LDICKR LCDC P2 H'04000C00 16 16 |