công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 964 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 964 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 960Page - Renesas Technology Corp H8S/20203 Datasheet HTML 961Page - Renesas Technology Corp H8S/20203 Datasheet HTML 962Page - Renesas Technology Corp H8S/20203 Datasheet HTML 963Page - Renesas Technology Corp H8S/20203 Datasheet HTML 964Page - Renesas Technology Corp H8S/20203 Datasheet HTML 965Page - Renesas Technology Corp H8S/20203 Datasheet HTML 966Page - Renesas Technology Corp H8S/20203 Datasheet HTML 967Page - Renesas Technology Corp H8S/20203 Datasheet HTML 968Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 964 / 992 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Oct. 03, 2008 Page 938 of 962
REJ09B0465-0100
Notes: As a means of reducing the effective number of rewriting operations in a system where
many rounds of rewriting proceed, go through the possible locations for programming in
order until the remaining blank area has been minimized as much as is possible, and only
then perform a round of erasure. For example, if data are being programmed in 16-byte
sets, the number of effective reprogramming operations can be minimized by erasing once
after having programmed the maximum of 256 sets.
To retain per-block information on the number of times erasure has been executed, setting
up a control number is recommended.
If an erase-error occurs during erasure, execute the clear status command and then the
erase command at least 3 times until the erase-error not occur.
1. Definition of number of times programming/erasing is performed
The indicated number of times is the number of times programming/erasing can be
performed per block. When the number of times is n (n = 1000, 10000), each block can
be erased n times.
Consider the 4-Kbyte blocks of data flash A as an example. When a block is erased
after writing to the whole block has been performed by writing 4-byte units to the
respective locations 1024 times, this counts as programming/erasure once. However,
writing to a given address more than once after having erased the block is not possible
(rewriting of values is prohibited).
2. This is the number of times for which all electrical characteristics can be guaranteed.
(i.e. the values are guaranteed while the number of times is within the range from one
to the minimum value.)
3. This becomes
−40°C for the D version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com