công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 904 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 904 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 900Page - Renesas Technology Corp H8S/20203 Datasheet HTML 901Page - Renesas Technology Corp H8S/20203 Datasheet HTML 902Page - Renesas Technology Corp H8S/20203 Datasheet HTML 903Page - Renesas Technology Corp H8S/20203 Datasheet HTML 904Page - Renesas Technology Corp H8S/20203 Datasheet HTML 905Page - Renesas Technology Corp H8S/20203 Datasheet HTML 906Page - Renesas Technology Corp H8S/20203 Datasheet HTML 907Page - Renesas Technology Corp H8S/20203 Datasheet HTML 908Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 904 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 878 of 962
REJ09B0465-0100
(4) Low Voltage Detect Interrupt 1 (LVDI1)
LVDI1 is an interrupt generated by the LVD1 circuit. Figure 26.12 shows the operation timing of
LVDI1.
The LVD1 enters the module-standby state after release from a power-on reset is canceled. To
operate the LVDI1, set the VD1E bit in LD1CRL to 1, wait for TBD
µs (t
LVD1ON) until the detection
voltage and the low-voltage detection circuit 1 operation have stabilized using a software timer,
etc., then clear the VD1MS bit to 0 and set the VD1RE bit to 1 in LD1CRH. After that, the output
settings of I/O ports must be made. To cancel the LVDI1, first the VD1RE bit in LD1CRH should
be cleared to 0 and then the VD1E bit in LD1CRL should be cleared to 0. Figure 26.13 shows the
procedure to set the LVDI1.
When the power-supply voltage falls below Vdet1, the LVDI1 clears the
LVDINT1 signal to 0
and the VD1DFS bit in LD1CRH is set to 1. If the VD1DFS or VD1IRCS bit in LD1CRH is 1 at
this time, an LVD1 interrupt request is simultaneously generated. In this case, the necessary data
must be saved in the on-chip flash memory area or external EEPROM, etc, and a transition must
be made to standby mode or sleep mode. Until this processing is completed, the power supply
voltage must be higher than the lower limit of the guaranteed operating voltage.
When the power-supply voltage does not fall below Vdet0 but rises above Vdet1, the LVDI2 sets
the
LVDINT1 signal to 1 and set the VD1UF bit in LD2CRH to 1. If the VD1DFS bit in LD1CRH
is 1 or the VD1IRCS bit in LD1CRH is 0 at this time, an LVD1 interrupt request is simultaneously
generated.
If the power supply voltage falls below Vdet0, a power-on reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com