công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 902 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 902 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 898Page - Renesas Technology Corp H8S/20203 Datasheet HTML 899Page - Renesas Technology Corp H8S/20203 Datasheet HTML 900Page - Renesas Technology Corp H8S/20203 Datasheet HTML 901Page - Renesas Technology Corp H8S/20203 Datasheet HTML 902Page - Renesas Technology Corp H8S/20203 Datasheet HTML 903Page - Renesas Technology Corp H8S/20203 Datasheet HTML 904Page - Renesas Technology Corp H8S/20203 Datasheet HTML 905Page - Renesas Technology Corp H8S/20203 Datasheet HTML 906Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 876 of 962
REJ09B0465-0100
(3) Low Voltage Detect Reset 1 (LVDR1)
LVDR1 is a reset generated by the LVD1 circuit. Figure 26.10 shows the operation timing of the
LVDR1.
The LVD1 enters the module-standby state after release from a power-on reset. To operate the
LVDR1, set the VD1E bit in LD1CRL to 1, wait for TBD
µs (t
LVD1ON) until the detection voltage
and the low-voltage detection circuit 1 operation have stabilized using a software timer, etc., then
set the VD1MS and VD1RE bits in LD1CRH to 1. After that, the output settings of I/O ports must
be made. To cancel the LVDR1, first the VD1RE bit in LD1CRH should be cleared to 0 and then
the VD1E bit in LD1CRL should be cleared to 0. Figure 26.11 shows the procedure to set the
LVDR1.
When the power-supply voltage falls below Vdet1, the LVDR1 clears the
LVDRES1 signal to 0,
and resets the prescaler. The low-voltage detection reset state remains in place until a power-on
reset is generated. When the power-supply voltage rises above the Vdet1 voltage again, the
prescaler starts counting. It counts 32
φloco cycles, and then releases the internal reset signal.
Note that if the power supply voltage falls below V
LVDR1min = TBD V and then rises from that point,
the LVDR1 may not occur. Such a case should be evaluated thoroughly.
If the power supply voltage falls below Vdet0, a power-on reset occurs.
LVDRES1
VCC
Vdet1
Vdet0
GND
OVF
Prescaler
reset signal
Internal
reset signal
32
φloco cycles
Prescaler
counter starts
Reset released
Figure 26.10 Operation Timing of LVDR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com