công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 851 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 851 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 847Page - Renesas Technology Corp H8S/20203 Datasheet HTML 848Page - Renesas Technology Corp H8S/20203 Datasheet HTML 849Page - Renesas Technology Corp H8S/20203 Datasheet HTML 850Page - Renesas Technology Corp H8S/20203 Datasheet HTML 851Page - Renesas Technology Corp H8S/20203 Datasheet HTML 852Page - Renesas Technology Corp H8S/20203 Datasheet HTML 853Page - Renesas Technology Corp H8S/20203 Datasheet HTML 854Page - Renesas Technology Corp H8S/20203 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 825 of 962
REJ09B0465-0100
24.2.3
A/D Control Register (ADCR)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
SCANE
0
b4
SCANS
0
b3
1
b2
0
b1
ADSTCLR
0
b0
EXTRGS
0
H'FF05F0, H'FF0611
TRGS[1:0]
CKS[1:0]
Bit
Symbol
Bit Name
Description
R/W
7, 6
TRGS[1:0]
Trigger select 1
and 0
b0 b7 b6
0 0 0: A/D conversion start by external trigger is
disabled.
0 0 1: A/D conversion start by external trigger pin
1 (
ADTRG1) is enabled.
0 1 0: A/D conversion start by external trigger pin
2 (
ADTRG2) is enabled.*1
0 1 1: A/D conversion start by external trigger
(timer RC) is enabled.*
2
1 0 0: A/D conversion start by external trigger
(timer RD_0) is enabled.
1 0 1: A/D conversion start by external trigger
(timer RD_1) is enabled.*
3
1 1 x: Reserved (setting prohibited)
R/W
5
SCANE
4
SCANS
Channel
selection mode
0
×: Single mode
10: Scan mode (A/D conversion is performed
continuously for channels 1 to 4)
11: Scan mode (A/D conversion is performed
continuously for channels 1 to 8.)
R/W
3, 2
CKS[1:0]*
4
Clock select 1
to 0
00: Setting prohibited
01: Setting prohibited
10: A/D conversion time = 84 states (max) (initial
value)
11: A/D conversion time = 43 states (max)
R/W
1
ADSTCLR
ADST clear
If ADSTCLR is set to 1 in scan mode, the ADST bit
is automatically cleared to 0 when A/D conversion of
all the selected channels has been completed.
R/W
0
EXTRGS
External trigger
select
EXTRGS combined with the TRGS1 and TRGS0
bits selects a trigger signal. For details, see the
above description for the TRGS1 and TRGS0 bits.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com