công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 850 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 850 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 846Page - Renesas Technology Corp H8S/20203 Datasheet HTML 847Page - Renesas Technology Corp H8S/20203 Datasheet HTML 848Page - Renesas Technology Corp H8S/20203 Datasheet HTML 849Page - Renesas Technology Corp H8S/20203 Datasheet HTML 850Page - Renesas Technology Corp H8S/20203 Datasheet HTML 851Page - Renesas Technology Corp H8S/20203 Datasheet HTML 852Page - Renesas Technology Corp H8S/20203 Datasheet HTML 853Page - Renesas Technology Corp H8S/20203 Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 824 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
3 to 0 CH[3:0]
Channel select
3 to 0
When SCANE = 1 and SCANS = 0
0000: AN0
0111: AN4 to AN7
0001: AN0 and AN1
1000: AN8
0010: AN0 to AN2
1001: AN8 and AN9
0011: AN0 to AN3
1010: AN8 to AN10
0100: AN4
1011: AN8 to AN11
0101: AN4 and AN5
11xx: Setting prohibited
0110: AN4 to AN6
When SCANE = 1 and SCANS = 1
0000: AN0
0111: AN0 to AN7
0001: AN0 and AN1
1000: AN8
0010: AN0 to AN2
1001: AN8 and AN9
0011: AN0 to AN3
1010: AN8 to AN10
0100: AN0 to AN4
1011: AN8 to AN11
0101: AN0 to AN5
11xx: Setting prohibited
0110: AN0 to AN6
R/W
[Legend]
×:
Don't care.
Notes: *
Only 0 can be written in bit 7, to clear the flag.
1.
The A/D converter should be stopped (ADST = 0) while the Input channels are being
selected.
2.
In unit 2, channels can be selected from four channels AN0_2 to AN3_2. Accordingly,
the CH3 and CH2 bits should be cleared to 0 in unit 2.
• ADST bit (A/D start)
Clearing this bit to 0 stops A/D conversion, and the A/D converter enters wait state. When this
bit is set to 1 by software, timer RC, timer RD (conversion start trigger), or the
ADTRG pin,
A/D conversion starts. This bit remains set to 1 during A/D conversion. In single mode, this bit
is cleared to 0 automatically when conversion on the specified channel ends. In scan mode,
conversion continues sequentially on the specified channels until this bit is cleared to 0 by a
reset, a transition to standby mode or software. ADST is cleared to 0 if A/D conversion of all
the selected channels has been completed while the ADSTCLR bit is 1.
The event link function can be used to set the ADST bit. When the event specified in ELSR10
or ELS11 of the ELC occurs, the corresponding ADST bits (in A/D converter unit 1 or A/D
converter unit 2, respectively) are set and the A/D conversion starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com