công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 843 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 843 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 839Page - Renesas Technology Corp H8S/20203 Datasheet HTML 840Page - Renesas Technology Corp H8S/20203 Datasheet HTML 841Page - Renesas Technology Corp H8S/20203 Datasheet HTML 842Page - Renesas Technology Corp H8S/20203 Datasheet HTML 843Page - Renesas Technology Corp H8S/20203 Datasheet HTML 844Page - Renesas Technology Corp H8S/20203 Datasheet HTML 845Page - Renesas Technology Corp H8S/20203 Datasheet HTML 846Page - Renesas Technology Corp H8S/20203 Datasheet HTML 847Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 817 of 962
REJ09B0465-0100
Section 24 A/D Converter
This LSI includes a successive approximation type 10-bit A/D converter (one unit or two units)
that allows up to sixteen analog input channels to be selected. Figures 24.1 and 24.2 show the
block diagrams of A/D converters unit 1 and unit 2, respectively.
The differences between unit 1 and unit 2 are the number of analog input channels and the number
of data registers. The other functions of units 1 and 2 are the same.
24.1
Features
• 10-bit resolution
• Input channels
 Unit 1: 12 channels for the H8S/20223 and H8S/20203 groups and 8 channels for the
H8S/20103 group
 Unit 2: 4 channels for the H8S/20223 group
• Conversion time: 2 µs per channel (at 20 MHz operation)
• Operating modes: Two
 A/D conversion mode: A selected analog input is A/D converted
 Compare mode: A selected analog input is compared with the voltage specified by the user
• Channel select modes
 Single mode: Single-channel A/D conversion or comparison
 Scan mode: Continuous A/D conversion on 1 to 4 channels, or 1 to 8 channels
• Data registers: 8 data registers for unit 1 and 4 data registers for unit 2
 Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three kinds of conversion start
 Conversion can be started by software, conversion start trigger by 16-bit timer (timer RC or
RD), or external trigger signal.
• Interrupt request
 A/D conversion end interrupt (ADI) request can be generated
 Compare result change interrupt (CMPI) request can be generated
• Module standby function can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com