công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 841 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 841 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 837Page - Renesas Technology Corp H8S/20203 Datasheet HTML 838Page - Renesas Technology Corp H8S/20203 Datasheet HTML 839Page - Renesas Technology Corp H8S/20203 Datasheet HTML 840Page - Renesas Technology Corp H8S/20203 Datasheet HTML 841Page - Renesas Technology Corp H8S/20203 Datasheet HTML 842Page - Renesas Technology Corp H8S/20203 Datasheet HTML 843Page - Renesas Technology Corp H8S/20203 Datasheet HTML 844Page - Renesas Technology Corp H8S/20203 Datasheet HTML 845Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 841 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 815 of 962
REJ09B0465-0100
23.4
Interrupt Requests
The hardware LIN interface can request four types of interrupts: Sync Break detection, Sync
Break generation end, Sync Field measurement end, and bus conflict detection. All these
interrupts are requested as the timer RA interrupt. Table 23.2 describes these interrupt requests.
Table 23.2
Interrupt Requests by Hardware LIN
Interrupt Request
Status Flag
Interrupt Source
Sync Break detection
SBDCT
• The low-level period of the RXD input is
measured using timer RA and the counter
underflows
• The low-level period of the RXD input is
longer than the Sync Break period during
communications.
Sync Break generation end
The low level has been output via TXD for the
period specified by timer RA.
Sync Field measurement end
SFDCT
Measuring the 8-bit Sync Field period has been
completed using timer RA.
Bus conflict detection
BCDCT
The RXD input and TXD output values differ
from each other when data is latched while
SCI3_1 is enabled for transmission.
23.5
Usage Note
For processing the header and response field timeout, measure the time from the Sync Break
detection interrupt using another timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com