công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 836 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 836 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 832Page - Renesas Technology Corp H8S/20203 Datasheet HTML 833Page - Renesas Technology Corp H8S/20203 Datasheet HTML 834Page - Renesas Technology Corp H8S/20203 Datasheet HTML 835Page - Renesas Technology Corp H8S/20203 Datasheet HTML 836Page - Renesas Technology Corp H8S/20203 Datasheet HTML 837Page - Renesas Technology Corp H8S/20203 Datasheet HTML 838Page - Renesas Technology Corp H8S/20203 Datasheet HTML 839Page - Renesas Technology Corp H8S/20203 Datasheet HTML 840Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 810 of 962
REJ09B0465-0100
Timer RA
Set to pulse width measurement mode by setting the TMOD[2:0] bits in the
TRAMR register to b'011.
Timer RA
Set the TEDGSEL bit in the TRAIOC register to 0 to measure the low level width
of pulses.
Timer RA
Set the TRAIO pin to RXD by setting the TIOSEL bit in the TRAIOC register to 1.
Timer RA
Select the count source by setting the TCK[2:0] bits in the TRAMR register.
Timer RA
Set the Sync Break width by setting the TRAPRE and TRATR registers.
Hardware LIN
Set to slave mode by setting the MST bit in LINCR register to 0.
Hardware LIN
Start operation by setting the LINE bit in the LINCR register to 1.
Hardware LIN
Select the RXD input mask cancellation timing (upon Sync Break detection or
completion of Sync Field measurement) by setting the SBE bit in the LINCR
register.
Set the count source, TRAPRE
register, and TRATR register
appropriately for the Sync Break
width.
A
For the hardware LIN function,
set the TIOSEL bit in the TRAIOC
register to 1.
Select the mask cancellation
timing of the RXD input to SCI3_1.
When a timing is selected such
that the mask is cancelled upon
Sync Break detection, the Sync Field
signal is also input to SCI3_1.
Hardware LIN
Stop operation by setting the LINE bit in LINCR register to 0.
Hardware LIN
Clear the status flags (bus conflict detection, Sync Break detection, and Sync
Field measurement end) by setting the B2CLR, B1CLR, and B0CLR bits in the
LINST register to 1.
Figures 23.6 Header Field Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com