công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 833 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 833 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 829Page - Renesas Technology Corp H8S/20203 Datasheet HTML 830Page - Renesas Technology Corp H8S/20203 Datasheet HTML 831Page - Renesas Technology Corp H8S/20203 Datasheet HTML 832Page - Renesas Technology Corp H8S/20203 Datasheet HTML 833Page - Renesas Technology Corp H8S/20203 Datasheet HTML 834Page - Renesas Technology Corp H8S/20203 Datasheet HTML 835Page - Renesas Technology Corp H8S/20203 Datasheet HTML 836Page - Renesas Technology Corp H8S/20203 Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 807 of 962
REJ09B0465-0100
Timer RA
Start the timer counter by setting the TSTART bit in the
TRACR register to 1.
Timer RA
Read the count status flag (TCSTF) from the TRACR register.
Hardware LIN
Read the Sync Break detection flag (SBDCT) from the LINST
register.
Timer RA
Read the Sync Break detection flag (SBDCT) from the LINST
register.
Timer RA
Stop the timer counter by setting the TSTART bit in the
TRACR register to 0.
SCI3_1
Initialize SCI3_1 and set asynchronous mode, transmission,
and clock source by setting the SCR3, SMR, and BRR
registers.
The timer RA interrupt can be used
upon completion of Sync Break
generation.
Transmit the ID field.
A
TCSTF = 1?
SBDCT = 1?
Yes
TC STF = 0?
Yes
SCI3_1
Perform communications using SCI3_1.
Transfer the ID field to TDR register.
No
Yes
No
No
After writing 0 to the TSTART bit,
reading 0 from the TCSTF flag can
be omitted if neither TRAPRE register
nor TRATR register of timer RA is
read or modified.
Initialize SCI3 following the initialization
procedure and set the appropriate clock
source for Sync Field transmission.
SCI3_1
Perform communications using SCI3_1.
Read 1 from the TDRE bit in the SSR register.
Transfer H'55 to TDR register.
Transmit the Sync Field.
After generating timer RA Sync Break,
stop the timer counter.
Generate Sync Break by timer RA.
After writing 1 to the TSTART bit,
reading 1 from the TCSTF flag can
be omitted if neither TRAPRE register
nor TRATR register of timer RA is
read or modified.
Figures 23.4 Header Field Transmission Flowchart (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com